Part Number Hot Search : 
PSEXXX 1EVKI 13012 70M6T DDTA124 BFL2805H NX5313EH 2864B
Product Description
Full Text Search
 

To Download APT6021BFLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT6021BFLL APT6021SFLL
600V 29A 0.210W
POWER MOS 7TM
FREDFET
BFLL D3PAK
TO-247
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7TM by significantly lowering RDS(ON) and Qg. Power MOS 7TM combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage
SFLL
* Increased Power Dissipation * Easier To Drive * TO-247 or Surface Mount D3PAK Package * FAST RECOVERY BODY DIODE
D G S
All Ratings: TC = 25C unless otherwise specified.
APT6021 UNIT Volts Amps
Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
Gate-Source Voltage Continuous Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25C Linear Derating Factor
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
AL IC HN EC ION TT CE MA AN OR DV NF A I
600 29 116 30 40 400 3.20 300 29 30
(Repetitive and Non-Repetitive)
1 4
Volts Watts W/C C Amps mJ
-55 to 150
1300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
600 29 0.210 250 1000 3 5 100
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A
8-2001 050-7068 Rev -
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA)
nA Volts
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Q gs Q gd t d(on) tr t d(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT6021 BFLL - SFLL
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS VGS = 15V MIN TYP MAX UNIT pF
3310 590 37 76 18 34 15 10 35 10
nC
Gate-Source Charge Turn-on Delay Time Rise Time
Gate-Drain ("Miller ") Charge
Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Pulsed Source Current
1
Continuous Source Current (Body Diode) (Body Diode)
5
Diode Forward Voltage Peak Diode Recovery
t rr Qrr IRRM
Reverse Recovery Time (IS = -ID [Cont.], di/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], di/dt = 100A/s) Peak Recovery Current (IS = -ID [Cont.], di/dt = 100A/s)
AL IC HN EC ION E T AT NC RM VA FO AD IN
ID = ID [Cont.] @ 25C VDD = 0.5 VDSS RG = 1.6W ID = ID [Cont.] @ 25C MIN TYP
2
ns
MAX
UNIT Amps Volts V/ns ns
29 116 1.3 15 250 525
(VGS = 0V, IS = -ID [Cont.])
dv/
dt
Tj = 25C Tj = 25C
Tj = 125C
1.5 5.5 13 23
Tj = 125C Tj = 25C Tj = 125C
C
Amps
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.31 40
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2%
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 3.09mH, R = 25W, Peak I = 29A j G L 5 dv/ numbers reflect the limitations of the test circuit rather than the dt device itself. IS -ID Cont. di/dt 700A/s VR VDSS TJ 150C [ ] APT Reserves the right to change, without notice, the specifications and information contained herein.
TO-247 Package Outline
Drain (Heat Sink)
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC
D PAK Package Outline
4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532)
3
15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
1.04 (.041) 1.15 (.045)
Drain
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
Revised 4/18/95
13.79 (.543) 13.99 (.551)
Revised 8/29/97
11.51 (.453) 11.61 (.457)
0.46 (.018) 0.56 (.022) {3 Plcs}
4.50 (.177) Max. 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
8-2001
0.40 (.016) 0.79 (.031)
0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112)
1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082) 5.45 (.215) BSC {2 Plcs.}
19.81 (.780) 20.32 (.800)
1.22 (.048) 1.32 (.052)
3.81 (.150) 4.06 (.160) (Base of Lead)
Rev -
Gate Drain Source
Heat Sink (Drain) and Leads are Plated
2.21 (.087) 2.59 (.102)
050-7068
5.45 (.215) BSC 2-Plcs.
Dimensions in Millimeters and (Inches)
Source Drain Gate Dimensions in Millimeters (Inches)
APT's devices are covered by one or more of the following U.S.patents:
4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT6021BFLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X